Part Number Hot Search : 
0B6TR S13D2 1N746 20U60 ATTINY SXXXXC 19371352 8016A
Product Description
Full Text Search
 

To Download 74VHC02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
74VHC02
QUAD 2-INPUT NOR GATE
PRELIMINARY DATA
s s
s
s s
s
s
s
s s
HIGH SPEED: tPD = 3.6 ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 2 A (MAX.) at TA = 25 oC HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) POWER DOWN PROTECTION ON INPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 5.5V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 02 IMPROVED LATCH-UP IMMUNITY LOW NOISE: VOLP = 0.8V (Max.)
M (Micro Package)
T (TSSOP Package)
ORDER CODES : 74VHC02M 74VHC02T The internal circuit is composed of 3 stages including buffer output, which provides high noise immunity and stable output. Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2kV ESD immunity and transient excess voltage.
DESCRIPTION The 74VHC02 is an advanced high-speed CMOS QUAD 2-INPUT NOR GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
PIN CONNECTION AND IEC LOGIC SYMBOLS
June 1999
1/7
74VHC02
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 2, 5, 8, 11 3, 6, 9, 12 1, 4, 10, 13 7 14 SYMBOL 1A to 4A 1B to 4B 1Y to 4Y GND VCC NAME AND FUNCT ION Data Inputs Data Inputs Data Outputs Ground (0V) Positive Supply Voltage
TRUTH TABLE
A L L H H B L H L H Y H L L L
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 50 -65 to +150 300 Unit V V V mA mA mA mA
o o
ICC or IGND DC VCC or Ground Current
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top dt/dv Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time (see note 1) (VCC = 3.3 0.3V) (V CC = 5.0 0.5V) Parameter Valu e 2.0 to 5.5 0 to 5.5 0 to VCC -40 to +85 0 to 100 0 to 20 Unit V V V
o
C
ns/V ns/V
1) VIN from 30% to70%of VCC
2/7
74VHC02
DC SPECIFICATIONS
Symb ol Parameter T est Cond ition s V CC (V) VIH VIL VOH High Level Input Voltage Low Level Input Voltage High Level Output Voltage 2.0 3.0 to 5.5 2.0 3.0 to 5.5 2.0 3.0 4.5 3.0 4.5 VOL Low Level Output Voltage 2.0 3.0 4.5 3.0 4.5 II ICC Input Leakage Current Quiescent Supply Current 0 to 5.5 5.5 IO=-50 A IO=-50 A IO=-50 A IO=-4 mA IO=-8 mA IO=50 A IO=50 A IO=50 A IO=4 mA IO=8 mA VI = 5.5V or GND VI = VCC or GND 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 0.1 2 2.0 3.0 4.5 Min. 1.5 0.7VCC 0.5 0.3VCC 1.9 2.9 4.4 2.48 3.8 0.1 0.1 0.1 0.44 0.44 1.0 20 A A V V Typ . Value T A = 25 o C Max. -40 to 85 o C Min . 1.5 0.7VCC 0.5 0.3VCC Max. V V Un it
AC ELECTRICAL CHARACTERISTICS (Input t r = tf =3 ns)
Symb ol Parameter V CC (V) tPLH tPHL Propagation Delay Time Test Co ndition CL (pF ) 15 50 15 50 Value T A = 25 o C Min. Typ . 5.6 8.1 3.6 5.1 Max. 7.9 11.4 5.5 7.5 Un it -40 to 85 o C Min . 1.0 1.0 1.0 1.0 Max. 9.5 13.0 6.5 8.5
3.3 3.3(*) 5.0(**) 5.0
(**)
(*)
ns
(*) Voltage range is 3.3V 0.3V (**) Voltage range is 5V 0.5V
CAPACITIVE CHARACTERISTICS
Symb ol Parameter T est Cond ition s
o
Value T A = 25 C Min. Typ . 4 15 Max. 10 -40 to 85 C Min . Max. 10
o
Un it
C IN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
pF pF
1) CPD isdefined as the value of the IC'sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD * VCC * fIN + ICC/4 (per Gate)
3/7
74VHC02
DYNAMIC SWITCHING CHARACTERISTICS
Symb ol Parameter T est Cond ition s V CC (V) VOLP VOLV VIHD VILD Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3) 5.0 -0.8 5.0 5.0 C L = 50 pF 3.5 1.5 Min. Typ . 0.3 -0.3 V Value T A = 25 o C Max. 0.8 -40 to 85 o C Min . Max. Un it
1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 5.0V, (n -1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to5.0V. Inputs under test switching: 5.0V to threshold (VILD), 0V to threshold (VIHD), f=1MHz.
TEST CIRCUIT
CL = 15/50 pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
WAVEFORM: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
4/7
74VHC02
SO-14 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013G
5/7
74VHC02
TSSOP14 MECHANICAL DATA
mm MIN. A A1 A2 b c D E E1 e K L 0o 0.50 0.05 0.85 0.19 0.09 4.9 6.25 4.3 5 6.4 4.4 0.65 BSC 4o 0.60 8o 0.70 0o 0.020 0.10 0.9 TYP. MAX. 1.1 0.15 0.95 0.30 0.20 5.1 6.5 4.48 0.002 0.335 0.0075 0.0035 0.193 0.246 0.169 0.197 0.252 0.173 0.0256 BSC 4o 0.024 8o 0.028 0.004 0.354 MIN. inch TYP. MAX. 0.433 0.006 0.374 0.0118 0.0079 0.201 0.256 0.176
DIM.
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
6/7
74VHC02
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com .
7/7


▲Up To Search▲   

 
Price & Availability of 74VHC02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X